Part Number Hot Search : 
CVA2411 B3150A 1236A MB90947A 7C51RA4A T1011 MC33182D A66170SP
Product Description
Full Text Search
 

To Download GBU8005 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  802 GBU8005 thru gbu810 glass passivated bridge rectifiers reverse voltage - 50 to 1000 volts forward current - 8.0 amperes features dimensions in inches and (millimeters) maximum ratings and electrical characteristics notes: ratings at 25 c ambient temperature unless otherwise specified. single phase half-wave 60hz,resistive or inductive load,for capacitive load current derate by 20%. 166 10 500 60 2.2 -55 to +150 -55 to +150 8.0 volts volts volts symbols units amps amps volts v rrm v rms v dc i (av) i fsm maximum repetitive peak reverse voltage maximum rms voltage maximum dc blocking voltage maximum average forward(with heatsink note 2) c rectified current @ t peak forward surge current 8.3ms single half sine-wave superimposed on rated load (jedec method) rating for fusing(t<8.3ms) maximum forward voltage at 4.0a dc maximum dc reverse current t j =25 c at rated dc blocking voltage t j =125 c typical junction capacitance (note 1) typical thermal resistance (note 2) operating junction temperature range storage temperature range i t c j r q ja t j t stg i r a s 2 2 v f a m c c/w c pf 50 35 50 100 70 100 200 140 200 400 280 400 600 420 600 800 560 800 1000 700 1000 gbu 8005 200.0 1.0 gbu 801 gbu gbu 804 gbu 806 gbu 808 gbu 810 2014-03 01? mdd catalog number http://www.microdiode.com g bu . 87 4 ( 2 2 . 2) . 86 0 ( 2 1 . 8) . 1 46 ( 3 . 7) . 15 4 ( 3 . 9) . 2 24 ( 5 . 7) . 23 2 ( 5 . 9) . 12 6 ( 3 . 2 ) * 45 ch a m f er . 7 2 0 ( 1 8 . 3) . 7 5 2 ( 1 9 . 1) . 72 0 ( 1 8 . 2 9) . 6 80 ( 17 . 27) . 07 3 ( 1 . 85) . 05 7 ( 1 . 4 5) . 03 5 ( 0 . 9) . 0 4 7 ( 1 . 2) . 10 0 ( 2 . 54) . 08 5 ( 2 . 1 6) . 0 6 5 ( 1 . 6 5) . 0 80 ( 2 . 0 3) ( 5 . 3) ( 4 . 8) . 210 . 1 90 . 1 90 . 2 10 ( 4 . 8) ( 5 . 3) ( 5 . 3) ( 4 . 8) . 2 10 . 1 90 . 13 3 ( 3 . 3 7) . 1 39 ( 3 . 5 3) . 0 91 ( 2 . 3) . 1 06 ( 2 . 7) . 0 2 2 ( . 56) . 0 18 ( . 46) . 4 01 ( 10 . 2) . 39 2 ( 9 . 80) . 4 37 ( 11 . 1) . 4 30 ( 10 . 9) s u r g e o v e r l oad r a t i ng - 175 a m p e r e s p e ak i d e a l f o r p r i n t e d c i r c u i t boa rd r e li ab l e l o w c o s t c on s t r u c t i on u t ili z i ng m o l d e d p l a s t i c t e c hn i que p l a s t i c m a t e r i a l ha s u /l l a mm ab ili t y c l a ss i f i c a t i on 94 v -0 m oun t i ng po s t i t i on : a ny =100 c(without heatsink) 2.9 m a 1 . m ea s u r e d a t 1 . 0 m h z a nd a ppli e d r e v e r s e v o l t a g e o f 4 . 0 v dc. 2 . d e v i c e m o un t e d o n 75 mm * 75 mm * 1 . 6 mm c u pl a t e h ea t s in k. 3.the typical data above is for reference only( ?
ratings and characteristic curves GBU8005 thru gbu810 2014-03 01? http://www.microdiode.com the cruve g ra p h is for reference onl y , can't be the basis for j ud g ment ( ? ) ! number of cyclets at 60hz peak forward surge current, amperes fig.2-maximum non-repetitive surge current 0 10 100 200 1 50 100 150 2 50 20 5 pulse width 8.3ms single half-sine-wave (jedec method) percent of rated peak reverse voltage,(%) instantaneous reverse current ,(ua) fig.5-typical reverse characteristics 1000 100 10 1.0 0.1 020 40 60 80 100 t j =125c t j =100c t j =50c t j =25c fig.1-forward current derating curve case temperature, c average forward current amperes 60 120 140 0.0 2.0 10.0 100 80 40 20 0 6.0 8.0 4.0 single phase half wave 60hz resistive or inductive load with heatsink without heatsink fig.3-typical junction capacitance reverse voltage,(volts) capacitance,(pf) 10.0 100 1.0 1.0 10 1000 100 t j =25c,f=1mh z instantaneous forward voltage,volts fig.4-typical forward characteristics instantaneous forward current, (a) 0 0.2 0.4 0.6 0.8 1.2 1.6 1.4 1.0 1.8 100 10 0.1 1.0 t j = 25c pulse width 300us


▲Up To Search▲   

 
Price & Availability of GBU8005

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X